Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82472-G4 Datasheet (PDF) - EPCOS

Part # B82472-G4
Description  Size 7x7 mm Rated inductance 1 mH .. 1000 mH
File Size   505.62 Kbytes
Html View  1   2   3   4 
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82472-G4 Datasheet (PDF) - EPCOS



Similar Part No. - B82472-G4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82472D6103M000 TDK-B82472D6103M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
B82472D6153M00 TDK-B82472D6153M00 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
B82472D6222M000 TDK-B82472D6222M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
B82472D6223M000 TDK-B82472D6223M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
B82472D6332M000 TDK-B82472D6332M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
More results


Similar Description - B82472-G4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
logo
PREMO CORPORATION S.L
3DC11CAP-0238J PREMO-3DC11CAP-0238J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
logo
Rhombus Industries Inc.
T-1397 RHOMBUS-IND-T-1397 Datasheet
23Kb / 1P
Inductance 6.15 mH
8/7/01
T-1398 RHOMBUS-IND-T-1398 Datasheet
24Kb / 1P
Inductance 9.30 mH
8/7/01
logo
EPCOS
B82464G4682M EPCOS-B82464G4682M Datasheet
45Kb / 3P
Size 10x10 mm Rated inductance 0,82 mH .. 1000 mH
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com