| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC408X-7X
|
2Mb / 123P |
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012 |
 Analog Devices |
ADSP-CM402F
|
2Mb / 84P |
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE |
 Renesas Technology Corp |
S3A7
|
1Mb / 133P |
32-bit ARM Cortex-M4 microcontroller
|
|
S7G2
|
1Mb / 116P |
32-bit ARM Cortex-M4 microcontroller
|
 Silicon Laboratories |
EFM32PG12
|
2Mb / 123P |
ARM Cortex-M4 at 40 MHz
|
 NXP Semiconductors |
LPC540XX
|
3Mb / 168P |
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018 |
|
LPC546XX
|
3Mb / 169P |
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018 |
|
LPC5411X
|
2Mb / 105P |
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018 |
 Maxim Integrated Produc... |
MAX32520
|
279Kb / 29P |
ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19 |
 Infineon Technologies A... |
XMC4100
|
2Mb / 93P |
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09 |