Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7A-SERIES Datasheet (PDF) - TXC Corporation.

Part # 7A-SERIES
Description   5 x 3.2 mm SMD GLASS CRYSTAL 7A SERIES
File Size   535.92 Kbytes
Html View  1 
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

7A-SERIES Datasheet (PDF) - TXC Corporation.



Similar Part No. - 7A-SERIES_V01

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
7A-SERIES TXC-7A-SERIES Datasheet
984Kb / 1P
2 pads SMD glass sealed crystal units.
More results


Similar Description - 7A-SERIES_V01

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1325 MTRONPTI-M1325 Datasheet
254Kb / 1P
Surface Mount Crystal 3.2 x 5 x 0.8 mm
logo
List of Unclassifed Man...
7C-6000MBB-T ETC2-7C-6000MBB-T Datasheet
356Kb / 1P
5 x 3.2 mm SMD CMOS CXO 7C SERIES
logo
TAITIEN ELECTRONICS CO....
XO-0170-PV TAITIEN-XO-0170-PV Datasheet
218Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
XO-0041-OV-TYPE TAITIEN-XO-0041-OV-TYPE Datasheet
367Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0014-XV TAITIEN-AT-0014-XV Datasheet
267Kb / 1P
5.0 x 3.2 mm SMD Crystal
AT-0018-X2 TAITIEN-AT-0018-X2 Datasheet
233Kb / 1P
3.2 x 2.5 mm Glass Seal SMD Crystal
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com