Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27FMN-STK-A Datasheet (PDF) - JST Mfg. Co., Ltd.

Part # 27FMN-STK-A
Description  1.0mm pitch/Connectors for FFC
File Size   193.22 Kbytes
Html View  1   2   3 
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

27FMN-STK-A Datasheet (PDF) - JST Mfg. Co., Ltd.



Similar Part No. - 27FMN-STK-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
27FE-BT-VK-N ETC2-27FE-BT-VK-N Datasheet
119Kb / 2P
1.25mm pitch Connectors for FFC
27FE-ST-VK-N ETC2-27FE-ST-VK-N Datasheet
119Kb / 2P
1.25mm pitch Connectors for FFC
27FLZ-RSM1-TB ETC2-27FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
27FLZ-RSM2-TB ETC2-27FLZ-RSM2-TB Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
27FLZ-SM1-TB ETC2-27FLZ-SM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
More results


Similar Description - 27FMN-STK-A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232110015800 AVX-046232110015800 Datasheet
509Kb / 6P
1.0mm Pitch
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
10FE-BT-VK-N ETC2-10FE-BT-VK-N Datasheet
119Kb / 2P
1.25mm pitch Connectors for FFC
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
FMZ JST-FMZ Datasheet
57Kb / 2P
FMZ CONNECTOR 1.0mm pitch/Connectors for FFC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com