Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1576AFRA Datasheet (PDF) - Rohm

Part # 2SA1576AFRA
Description  General purpose Transistor (-50V, -150mA)
File Size   1169.8 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1576AFRA Datasheet (PDF) - Rohm



Similar Part No. - 2SA1576AFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
General Purpose Transistor
logo
TRANSYS Electronics Lim...
2SA1576A TEL-2SA1576A Datasheet
68Kb / 1P
Plastic-Encapsulated Transistors
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
88Kb / 4P
General Purpose Transistor
logo
Guangdong Kexin Industr...
2SA1576A KEXIN-2SA1576A Datasheet
46Kb / 1P
General Purpose Transistor
More results


Similar Description - 2SA1576AFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
General purpose Transistor (50V, 150mA)
20221201 - Rev.002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com