Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08520112 Datasheet (PDF) - Molex Electronics Ltd.

Part # 08520112
Description  Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
File Size   82.93 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08520112 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 08520112

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0852012 PHOENIX-0852012 Datasheet
146Kb / 12P
Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
logo
Molex Electronics Ltd.
08520123 MOLEX-08520123 Datasheet
84Kb / 4P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 30-22 AWG
Jun 05, 2025
08520124 MOLEX-08520124 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08520125 MOLEX-08520125 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08520131 MOLEX11-08520131 Datasheet
121Kb / 1P
CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
More results


Similar Description - 08520112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-3600 MOLEX11-63819-3600 Datasheet
37Kb / 1P
Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
0638193600 MOLEX-0638193600 Datasheet
34Kb / 2P
Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
11/02/2021
ATS-6382369HM MOLEX-ATS-6382369HM Datasheet
412Kb / 7P
Hand Crimp Tool for Mini KK Crimp Terminals
08-10-17
6382795HM MOLEX-6382795HM Datasheet
902Kb / 9P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-16-18
6382803HM MOLEX-6382803HM Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156?? Pitch KK Crimp Terminals
2-27-18
2002184200 MOLEX-2002184200 Datasheet
31Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals, 22-24 AWG
11/02/2021
638280300 MOLEX-638280300 Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-27-18
0638116500 MOLEX-0638116500 Datasheet
34Kb / 1P
PremiumGrade Hand Crimp Tool for SPOX Terminals, 18-24 AWG
08/26/2022
0638279500 MOLEX-0638279500 Datasheet
24Kb / 3P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-24 AWG
08/25/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com