Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

936050065 Datasheet (PDF) - Molex Electronics Ltd.

Part # 936050065
Description  GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-2.5mm² 20-14 AWG
File Size   69.87 Kbytes
Html View  1   2   3 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

936050065 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 936050065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
936050069 MOLEX-936050069 Datasheet
64Kb / 2P
GWconnect Hand Crimping Tool for 5A Turned Contact, with Ratchet
Jun 13, 2025
More results


Similar Description - 936050065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-3800 MOLEX11-63819-3800 Datasheet
37Kb / 1P
Hand Crimp Tool for CTX64 Receptacle Terminal, 0.50, 0.75, 0.85mm and 20 AWG
0936050065 MOLEX1-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-6.00mm짼
0936050073 MOLEX1-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminal
0936050083 MOLEX1-0936050083 Datasheet
34Kb / 1P
GWconnect Removal Tool for 16A Crimp Contacts, Metal Handle
0936050081 MOLEX-0936050081 Datasheet
32Kb / 1P
GWconnect Removal Hand Tool for 100A Turned Crimp Contacts
03/04/2021
0936050083 MOLEX-0936050083 Datasheet
34Kb / 1P
GWconnect Removal Tool for 16A Crimp Contacts, Metal Handle
03/24/2022
0638193800 MOLEX-0638193800 Datasheet
31Kb / 1P
Hand Crimp Tool for CTX64 Receptacle Terminal, 0.50, 0.75, 0.85mm짼 and 20 AWG
11/02/2021
0936050065 MOLEX-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-4.00mm짼 (20-12) AWG
03/23/2022
0936050073 MOLEX-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm짼 (26-12) AWG
03/24/2022
0936050076 MOLEX-0936050076 Datasheet
52Kb / 1P
GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts
03/04/2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com