Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

466261405 Datasheet (PDF) - Molex Electronics Ltd.

Part # 466261405
Description  Hand Crimp Tool for KK Plus 250 Female Crimp Terminals, 28-22 AWG, UL1007 Wire
File Size   70.47 Kbytes
Html View  1   2   3 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

466261405 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 466261405

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
466261405 MOLEX-466261405 Datasheet
80Kb / 1P
LINK250 F-S 225MM 26 AWG LEADS RD Sn
2021/07/06
466261405 MOLEX-466261405 Datasheet
70Kb / 3P
Hand Crimp Tool for KK Plus 250 Female Crimp Terminals, 28-26 AWG, UL1061 Wire
Jun 18, 2025
More results


Similar Description - 466261405

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002221000 MOLEX-2002221000 Datasheet
34Kb / 1P
Extraction Tool for KK Plus 250 Receptacle Crimp Terminals, 22-28 AWG
02/25/2022
0638192500 MOLEX-0638192500 Datasheet
39Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 22-28 AWG
11/02/2021
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
2133090300 MOLEX-2133090300 Datasheet
38Kb / 1P
Hand Crimp Tool for KK Plus 250 Female Crimp Terminals, 22-28 AWG, UL1007 Wire
04/23/2022
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
0639047500 MOLEX-0639047500 Datasheet
32Kb / 1P
FineAdjust Applicator for KK Plus 250 Female Crimp Terminal, 26-28 AWG, UL1007 Wire
08/25/2022
0639047600 MOLEX-0639047600 Datasheet
32Kb / 1P
FineAdjust Applicator for KK Plus 250 Female Crimp Terminal, 22-24 AWG, UL1007 Wire
08/25/2022
2002181300 MOLEX-2002181300 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire
08/25/2022
2133095100 MOLEX-2133095100 Datasheet
28Kb / 1P
Hand Crimp Tool for CP-3.3 Receptacle Crimp Terminals, 22-28 AWG, UL1007 Wire
08/25/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com