Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222 Datasheet (PDF) - EiKO Global, LLC

Part # 222
Description  2.25V .25A TL-3 Miniature Screw Base
File Size   220.93 Kbytes
Html View  1 
Manufacturer  EIKO [EiKO Global, LLC]
Direct Link  https://www.eiko.com/
Logo EIKO - EiKO Global, LLC

222 Datasheet (PDF) - EiKO Global, LLC



Similar Part No. - 222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
222 ETC2-222 Datasheet
148Kb / 1P
SMK MALE TO SMK MALE RADIUS RIGHT ANGLE ADAPER
logo
Alpha Wire
222 ALPHAWIRE-222 Datasheet
197Kb / 2P
Mini 7/8" Male Internal Threads 3 Pin Field Attachable
logo
WAGO Kontakttechnik Gmb...
222 WAGO-222 Datasheet
1Mb / 2P
Wagobox a junction box innovation
logo
Winchester Electronics ...
222-010-00415G WINCHESTER-222-010-00415G Datasheet
42Kb / 1P
POWER PLUG FOR "D" SIZE D-SUB
222-010-00416G WINCHESTER-222-010-00416G Datasheet
43Kb / 1P
FIRST MATE/ LAST BREAK POWER PLUG FOR D SIZE D-SUB
More results


Similar Description - 222

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1826 CML-CM1826 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
CM49 CML-CM49 Datasheet
218Kb / 1P
T-3 1/4 Miniature Bayonet Base
CM123 CML-CM123 Datasheet
227Kb / 1P
G-3 1/2 Miniature 2 Pin Base
logo
Dialight Corporation
586-2701-220F DIALIGHT-586-2701-220F Datasheet
112Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE SCREW BASE (E10)
logo
Visual Communications C...
CM11 VCC-CM11 Datasheet
28Kb / 1P
Wedge,Midget Screw Base
CM49 VCC-CM49 Datasheet
52Kb / 1P
Miniature Bayonet Base
CM1826 VCC-CM1826 Datasheet
26Kb / 1P
Bayonet Base, Screw Base
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
Bayonet Base, Screw Base
05-07 VCC-05-07 Datasheet
548Kb / 2P
MINIATURE SCREW
logo
Schneider Electric
HOM125 SCHNEIDER-HOM125 Datasheet
90Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 25A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com