Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP03CP03F01 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # CP03CP03F01
Description  SMPM coaxial connector, 65GHz compatible, 2 pos., Adapter (Same type)
File Size   142.14 Kbytes
Html View  1   2   3 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CP03CP03F01 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - CP03CP03F01

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CP03CP03F01 JAE-CP03CP03F01 Datasheet
450Kb / 5P
65GHz Compatible SMPM Coaxial Connector
More results


Similar Description - CP03CP03F01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
logo
Japan Aviation Electron...
CB1 JAE-CB1 Datasheet
124Kb / 3P
IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
CP03 JAE-CP03 Datasheet
450Kb / 5P
65GHz Compatible SMPM Coaxial Connector
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Amphenol SV Microwave
1132-4138 SVMICROWAVE-1132-4138 Datasheet
93Kb / 1P
SMPM M TO SMPM F STR. NON MAGNETIC ADAPTER
10/22
1132-4139 SVMICROWAVE-1132-4139 Datasheet
92Kb / 1P
SMPM F TO SMPM F STR. NON MAGNETIC ADAPTER
10/22
1132-6127 SVMICROWAVE-1132-6127 Datasheet
90Kb / 1P
STR. M SMPM FD TO M SMPM FD HERMETIC ADAPTER
10/22
1115-6126-6127 SVMICROWAVE-1115-6126-6127 Datasheet
497Kb / 1P
2.92mm FEMALE TO SMPM MALE STRAIGHT 2 HOLE FLANGE ADAPTER
03/21
1116-6095-6096 SVMICROWAVE-1116-6095-6096 Datasheet
283Kb / 1P
2.4MM FEMALE TO SMPM FD MALE 2 HOLE FLANGE ADAPTER
02/21
1132-4096 SVMICROWAVE-1132-4096 Datasheet
98Kb / 1P
SMPM FEMALE TO SMPS FEMALE ADAPTER
12/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com