Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC005N03LS5 Datasheet (PDF) - Infineon Technologies AG

Part # BSC005N03LS5
Description  MOSFET OptiMOSTM 5 Power-Transistor, 30 V
File Size   1482.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC005N03LS5 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BSC005N03LS5_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC005N03LS5ATMA1 INFINEON-BSC005N03LS5ATMA1 Datasheet
1Mb / 12P
OptiMOSTM5Power-Transistor,30V
Rev.2.0,2020-04-16
BSC005N03LS5I INFINEON-BSC005N03LS5I Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.0,2020-04-16
More results


Similar Description - BSC005N03LS5_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC005N03LS5I INFINEON-BSC005N03LS5I Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.0,2020-04-16
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
2Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.1 2020-12-22
IPTG063N15NM5 INFINEON-IPTG063N15NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-05-05
IQE006NE2LM5SC INFINEON-IQE006NE2LM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
IQE065N10NM5SC INFINEON-IQE065N10NM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-02
IQE065N10NM5 INFINEON-IQE065N10NM5 Datasheet
1Mb / 12P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2021-12-01
IPTC007N06NM5 INFINEON-IPTC007N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IQD020N10NM5CG INFINEON-IQD020N10NM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2023-04-04
IQDH29NE2LM5CG INFINEON-IQDH29NE2LM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.1, 2023-03-29
IQDH35N03LM5CG INFINEON-IQDH35N03LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.1, 2023-03-29
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com