Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX07S024WJ3R400 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # DX07S024WJ3R400
Description  Vertical-Receptacle, USB Type-C connector, 24 pos., Height: 10 mm
File Size   152.17 Kbytes
Html View  1   2   3   4 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX07S024WJ3R400 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - DX07S024WJ3R400

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX07S024WJ1R350 JAE-DX07S024WJ1R350 Datasheet
147Kb / 4P
Input/Output Connector, USB Type-C connector, 24 pos., Height: 12 mm, 2-row , Vertical-Receptacle
DX07S024WJ4R450 JAE-DX07S024WJ4R450 Datasheet
152Kb / 3P
Vertical-Receptacle, USB Type-C connector, 24 pos., Height: 10 mm, All SMT
More results


Similar Description - DX07S024WJ3R400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
690-024-294-031 ETC2-690-024-294-031 Datasheet
414Kb / 2P
USB C TYPE FEMALE SMT VERTICAL CONNECTOR
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
USB Type-C Connector
logo
VITALCONN ELECTRONICS H...
UC41D3XLB10 VITALCONN-UC41D3XLB10 Datasheet
287Kb / 2P
USB TYPE C FEMALE, VERTICAL TYPE SHELL H6.50mm
logo
Suntsu Electronics, Inc...
SCNUS-UC-124SGF-SOVST SUNTSU-SCNUS-UC-124SGF-SOVST Datasheet
146Kb / 1P
USB TYPE C 3.1 FEMALE VERTICAL SURFACE MOUNT CONNECTOR
logo
Global Connector Techno...
USB4120 GCT-USB4120 Datasheet
206Kb / 3P
USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
28th September 2020
USB4130 GCT-USB4130 Datasheet
175Kb / 2P
USB Type C Receptacle, Vertical, SMT, For Power charging only
26th November 2020
logo
Amphenol Communications...
10157529 AMPHENOLCS-10157529 Datasheet
165Kb / 2P
USB 3.1 TYPE C RECEPTACLE VERTICAL TH TYPE
2020-04-02
logo
VITALCONN ELECTRONICS H...
UC31E31LBC7 VITALCONN-UC31E31LBC7 Datasheet
159Kb / 1P
USB TYPE C PLUG VERTICAL
REV: A
logo
Molex Electronics Ltd.
PS-105448-001 MOLEX-PS-105448-001 Datasheet
415Kb / 8P
USB C type receptacle
REVISION: 4 2015 /10 /30
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
USB Type-C Connector
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com