Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200 Datasheet (PDF) - Adafruit Industries

Part # 2200
Description  Precision LM4040 Voltage Reference Breakout - 2.048V and 4.096V
File Size   288.47 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2200 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2200

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2200 GILWAY-2200 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Coto Technology
2200 COTO-2200 Datasheet
525Kb / 2P
2200 SERIES REED RELAYS
logo
3M Electronics
2200 3M-2200 Datasheet
460Kb / 2P
Vinyl Mastic Pads and Rolls
logo
Advanced Energy Industr...
2200 ADVANCEDENERGY-2200 Datasheet
339Kb / 4P
TREK 2200 SERIES
10.20.23
logo
WAGO Kontakttechnik Gmb...
2200-1201 WAGO-2200-1201 Datasheet
709Kb / 15P
2-conductor through terminal block; with push-button
23.11.2021
More results


Similar Description - 2200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
Precision 4.096V FGA??Voltage Reference
May 24, 2006
logo
Texas Instruments
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
logo
Intersil Corporation
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
DATEL, Inc.
PVR-1540 DATEL-PVR-1540 Datasheet
263Kb / 3P
4.096V Micropower Voltage Reference
logo
Maxim Integrated Produc...
MAX186EVKIT MAXIM-MAX186EVKIT Datasheet
627Kb / 18P
Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com