Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2616 Datasheet (PDF) - Adafruit Industries

Part # 2616
Description  PiTFT Plus 320x240 3.2" TFT Resistive Touchscreen - Pi 2 and Model A / B
File Size   176.02 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2616 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2616

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2616 YANTEL-2616 Datasheet
135Kb / 2P
SMD RF Manual Tunable Inductor
logo
Alpha Wire
2616 ALPHAWIRE-2616 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
logo
Heyco.
2616 HEYCO-2616 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
WAGO Kontakttechnik Gmb...
2616-1352 WAGO-2616-1352 Datasheet
334Kb / 6P
PCB terminal block; lever; 16 mm²; Pin spacing 15 mm; 2-pole; Push-in CAGE CLAMP®; 16,00 mm²; gray
03.06.2020
logo
Weidmuller
2616160000 WEIDMULLER-2616160000 Datasheet
638Kb / 8P
BLF 5.08HC/09/180 SN TGY BX
More results


Similar Description - 2616

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
320240DM-3.5-A8-TP P-TEC-320240DM-3.5-A8-TP Datasheet
1Mb / 10P
TFT 320x240 3.5??LCD
logo
Axiomtek Co., Ltd.
P6100 AXIOMTEK-P6100 Datasheet
276Kb / 2P
Resistive type of touchscreen
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
Resistive touchscreen
P6192 AXIOMTEK-P6192 Datasheet
283Kb / 2P
Resistive type of touchscreen
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
logo
SparkFun Electronics
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
logo
Advantech Co., Ltd.
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com