Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS12FP-M3 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 10ETS12FP-M3
Description  High Voltage Input Rectifier Diode
File Size   304.85 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

10ETS12FP-M3 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 10ETS12FP-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS12FP IRF-10ETS12FP Datasheet
91Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Vishay Siliconix
10ETS12FP VISHAY-10ETS12FP Datasheet
136Kb / 7P
Input Rectifier Diode TO-220 FULL-PAK, 10 A
23-Apr-08
logo
International Rectifier
10ETS12FPPBF IRF-10ETS12FPPBF Datasheet
158Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
10ETS12FPPBF VISHAY-10ETS12FPPBF Datasheet
136Kb / 7P
Input Rectifier Diode TO-220 FULL-PAK, 10 A
23-Apr-08
More results


Similar Description - 10ETS12FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
High Voltage, Input Rectifier Diode, 40 A
12-Feb-16
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
High Voltage Input Rectifier Diode, 60 A
12-Feb-16
VS-45EPS12LHM3 VISHAY-VS-45EPS12LHM3 Datasheet
178Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3 Datasheet
169Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3 Datasheet
164Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-65EPS16LHM3 VISHAY-VS-65EPS16LHM3 Datasheet
158Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3_V01 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 06-Jul-2018
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3_V01 Datasheet
204Kb / 7P
High Voltage Input Rectifier Diode, 65 A
22-Feb-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com