Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKD600-20 Datasheet (PDF) - International Rectifier

Part # IRKD600-20
Description  STANDARD DIODES SUPER MAGM-A-part??Power Modules
File Size   110.46 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD600-20 Datasheet (PDF) - International Rectifier



Similar Part No. - IRKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKD600-08 VISHAY-IRKD600-08 Datasheet
255Kb / 9P
Standard Diodes
29-Apr-15
IRKD600-12 VISHAY-IRKD600-12 Datasheet
255Kb / 9P
Standard Diodes
29-Apr-15
More results


Similar Description - IRKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
11-Aug-08
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
12-Jun-08
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
05-Dec-16
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
05-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com