Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3760 Datasheet (PDF) - Adafruit Industries

Part # 3760
Description  Adjustable 60W Pen-Style Soldering Iron - 220VAC Euro Plug - BEST 102C
File Size   1104.73 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3760 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 3760

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3760 POMONA-3760 Datasheet
72Kb / 1P
Standard Binding Post
logo
List of Unclassifed Man...
3760 ETC2-3760 Datasheet
138Kb / 1P
Terminal Block Accessories
logo
Pomona Electronics
3760 POMONA-3760 Datasheet
24Kb / 1P
Standard Binding Post
6/9/99
logo
Marathon Special Produc...
3760 MARATHON-3760 Datasheet
138Kb / 1P
Terminal Block Accessories
logo
Pomona Electronics
3760-0 POMONA-3760-0 Datasheet
72Kb / 1P
Standard Binding Post
More results


Similar Description - 3760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2A ETC2-CP2A Datasheet
142Kb / 1P
Plug, Euro CEE7-BS546, 5A, Black
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
VA230 BEL-VA230 Datasheet
790Kb / 1P
Euro Plug to BNC Plug
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com