Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

775 Datasheet (PDF) - Adafruit Industries

Part # 775
Description  Miniature Slip Ring - 12mm diameter, 6 wires, max 240V @ 2A
File Size   183.09 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

775 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 775

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
775 MIMIX-775 Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
logo
List of Unclassifed Man...
775 ETC2-775 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Keystone Electronics Co...
775 KEYSTONE-775 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Finisar Corporation.
775-1237-ND FINISAR-775-1237-ND Datasheet
344Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
Bahco
7750 BAHCO-7750 Datasheet
104Kb / 1P
Reversible ratchet, 7750
More results


Similar Description - 775

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PV6-38R-E PANDUIT-PV6-38R-E Datasheet
58Kb / 1P
6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
logo
Taoglas antenna solutio...
MA220.LB.001 TAOGLAS-MA220.LB.001 Datasheet
4Mb / 36P
Height 12mm Diameter 62.8mm
logo
Schneider Electric
QOU215H5283 SCHNEIDER-QOU215H5283 Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 15A, 2P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOU315VH5283 SCHNEIDER-QOU315VH5283 Datasheet
135Kb / 2P
QOU Miniature Circuit Breaker, 15A, 3P, 240V, 22kA, Ring Terminal
Feb 21, 2020
QOU325VH5283 SCHNEIDER-QOU325VH5283 Datasheet
142Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V 22kA, Ring Terminal
Feb 21, 2020
QOU3205283 SCHNEIDER-QOU3205283 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOU3255283 SCHNEIDER-QOU3255283 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOU3305283 SCHNEIDER-QOU3305283 Datasheet
133Kb / 2P
QOU Miniature Circuit Breaker, 30A, 3P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOU3505283 SCHNEIDER-QOU3505283 Datasheet
142Kb / 2P
QOU Miniature Circuit Breaker, 50A, 3P, 240V, 10kA, Ring Terminal
QOU3355283 SCHNEIDER-QOU3355283 Datasheet
137Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 10kA, Ring Terminal
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com