Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8002A Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # 8002A
Description  No output coupling capacitors or external snubber circuits required
File Size   592.51 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.

8002A Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.



Similar Part No. - 8002A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8002A ETC2-8002A Datasheet
629Kb / 17P
Portable computers
logo
INCOME TECHNOLOGY
8002A INCOME-8002A Datasheet
602Kb / 14P
Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
More results


Similar Description - 8002A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4860 TI-LM4860 Datasheet
1,004Kb / 20P
No Output Coupling Capacitors, Bootstrap Capacitors, or Snubber Circuits are Necessary, Small Outline (SO) Packaging
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Hexawave, Inc
HWS532 HW-HWS532 Datasheet
68Kb / 4P
No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
No external DC blocking capacitors required
HWS540 HW-HWS540 Datasheet
52Kb / 3P
No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
No external DC blocking capacitors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com