Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1252 Datasheet (PDF) - Adafruit Industries

Part # 1252
Description  Aluminum GT2 Timing Pulley - 6mm Belt - 20 Tooth - 8mm Bore
File Size   116.9 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1252 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 1252

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1252 3M-1252 Datasheet
564Kb / 6P
3M™ Scotch-Seal Tamper Proof Sealant 1252
Aug-2019
logo
Bondhus Corporation.
1252 BONDHUS-1252 Datasheet
352Kb / 2P
HandyHex™ Adjustable Handle
logo
Heyco.
12520 HEYCO-12520 Datasheet
112Kb / 1P
Nylon Tapped Hex Spacers
logo
Tyco Electronics
12520000 MACOM-12520000 Datasheet
5Mb / 85P
tyco electronics contents
logo
Adels-Contact
125201 ADELS-125201 Datasheet
116Kb / 2P
1000/ 1
More results


Similar Description - 1252

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12109 SPARKFUN-ROB-12109 Datasheet
105Kb / 1P
Pulley - Hub Mount (2.0; 0.5 Bore)
2/10/2016
ROB-12111 SPARKFUN-ROB-12111 Datasheet
95Kb / 1P
Gear - Pinion Gear (20T; 6mm Bore)
1/15/2016
ROB-12156 SPARKFUN-ROB-12156 Datasheet
89Kb / 1P
Timing Belt - XL (per foot)
2/10/2016
ROB-12209 SPARKFUN-ROB-12209 Datasheet
105Kb / 1P
Pulley - Hub Mount (3.0; 1.0 Bore)
2/10/2016
ROB-12264 SPARKFUN-ROB-12264 Datasheet
95Kb / 1P
Clamping Hub - 6mm Bore
2/3/2016
ROB-12317 SPARKFUN-ROB-12317 Datasheet
94Kb / 1P
Timing Belt Mount - XL
2/10/2016
ROB-12318 SPARKFUN-ROB-12318 Datasheet
94Kb / 1P
Set Screw Hub - 6mm Bore
2/5/2016
ROB-12417 SPARKFUN-ROB-12417 Datasheet
101Kb / 1P
Timing Pulley - Shaft Mount (16T; 6mm Bore)
2/10/2016
ROB-12490 SPARKFUN-ROB-12490 Datasheet
98Kb / 1P
Timing Pulley - Shaft Mount (10T; 6mm Bore)
2/10/2016
ROB-13597 SPARKFUN-ROB-13597 Datasheet
99Kb / 1P
Timing Pulley - Shaft Mount (15T; 0.25 Bore)
2/10/2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com