Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3785 Datasheet (PDF) - Adafruit Industries

Part # 3785
Description  PoE Splitter with MicroUSB Plug - Isolated 12W - 5V 2.4 Amp
File Size   648.35 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3785 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 3785

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
378502 ADELS-378502 Datasheet
109Kb / 1P
GST 865 HO/ 2
378503 ADELS-378503 Datasheet
109Kb / 1P
GST 865 HO/ 3
378504 ADELS-378504 Datasheet
119Kb / 1P
GST 865 HO/ 4
378505 ADELS-378505 Datasheet
109Kb / 1P
GST 865 HO/ 5
378506 ADELS-378506 Datasheet
109Kb / 1P
GST 865 HO/ 6
More results


Similar Description - 3785

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Level One
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
logo
Red Lion Controls. Inc
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
Industrial PoE Splitter
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
A-Data Technology
UD320 A-DATA-UD320 Datasheet
1Mb / 1P
microUSB adaptor
logo
Infineon Technologies A...
AN-EVAL-3AR4780VJZ INFINEON-AN-EVAL-3AR4780VJZ Datasheet
2Mb / 25P
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
Phihong USA Inc.
PSA12X-120 PHIHONG-PSA12X-120 Datasheet
130Kb / 3P
12W Wall Plug Adapter
logo
Advantech Co., Ltd.
EKI-2711PSI ADVANTECH-EKI-2711PSI Datasheet
257Kb / 1P
Industrial 25W PoE Splitter with Wide Temperature
22-Apr-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com