Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3040FCT Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR3040FCT
Description  Ultra -Fast Recovery Diodes 30A FRD Pt
File Size   813.17 Kbytes
Html View  1   2   3   4 
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR3040FCT Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd



Similar Part No. - MUR3040FCT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR3040FCT THINKISEMI-MUR3040FCT Datasheet
802Kb / 2P
30.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
logo
DONGGUAN YOU FENG WEI E...
MUR3040FCT YFWDIODE-MUR3040FCT Datasheet
683Kb / 4P
ULTRAFST RECOVERY RECTIFIERS
logo
Guangdong Juxing Electr...
MUR3040FCT JUXING-MUR3040FCT Datasheet
1Mb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Thinki Semiconductor Co...
MUR3040FCT THINKISEMI-MUR3040FCT Datasheet
458Kb / 2P
30.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Similar Description - MUR3040FCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1640 LUGUANG-MUR1640 Datasheet
1Mb / 3P
Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MUR10100 LUGUANG-MUR10100 Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 10A FRD Pt
Revision:20170701-P1
MUR1660 LUGUANG-MUR1660 Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MUR2060CT LUGUANG-MUR2060CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
UF2060CT LUGUANG-UF2060CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060 LUGUANG-MTSR3060 Datasheet
1Mb / 3P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MUR1560B LUGUANG-MUR1560B Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20220701-P1
MUR8120 LUGUANG-MUR8120 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com