Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

338 Datasheet (PDF) - Keystone Electronics Corp.

Part # 338
Description  RETAINING SPACERS & HINGED STANDOFFS
File Size   396.65 Kbytes
Html View  1 
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

338 Datasheet (PDF) - Keystone Electronics Corp.



Similar Part No. - 338

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
338 WECO-338 Datasheet
163Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
11.20
logo
France Joint
338 FRANCEJOINT-338 Datasheet
388Kb / 3P
PISTON/ROD SEALS
logo
EDAC, All Rights Reserv...
338-010-541-101 EDAC-338-010-541-101 Datasheet
250Kb / 3P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-101 EDAC-338-010-541-101 Datasheet
79Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-102 EDAC-338-010-541-102 Datasheet
250Kb / 3P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
More results


Similar Description - 338

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
24406 ETC2-24406 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
SRS-1-7MM ETC2-SRS-1-7MM Datasheet
154Kb / 1P
SELF-RETAINING PVC SPACERS
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
SELF RETAINING SPACERS
logo
Molex Electronics Ltd.
69901-0203 MOLEX11-69901-0203 Datasheet
43Kb / 1P
Retaining Ring
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005 Datasheet
465Kb / 5P
Cord retaining strain relief
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
Retaining clips
2022-01-28
logo
Festo Corporation.
8127358 FESTO-8127358 Datasheet
62Kb / 1P
Retaining bracket
7/21/22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com