Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3980 Datasheet (PDF) - Multicomp Pro

Part # 3980
Description  Crimp and Seal Terminal Kit - 115 Pcs
File Size   209.81 Kbytes
Html View  1 
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3980 Datasheet (PDF) - Multicomp Pro



Similar Part No. - 3980

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
398001-01 QUALTEK-398001-01 Datasheet
172Kb / 1P
POWER CORD
398002-01 QUALTEK-398002-01 Datasheet
171Kb / 1P
POWER CORD
More results


Similar Description - 3980

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63825-1900 MOLEX11-63825-1900 Datasheet
39Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
63825-1500 MOLEX-63825-1500 Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110") Sealed Crimp Terminal, Male and Female
10-27-11
ATS-6381155HM MOLEX-ATS-6381155HM Datasheet
585Kb / 8P
Tool Kit for 3.56mm (.140) Crimp Terminal, Pin
05-24-11
ATS-6381156HM MOLEX-ATS-6381156HM Datasheet
591Kb / 8P
Tool Kit for 4.64mm (.183) Crimp Terminal, Pin
05-24-11
ATS-6382516HM MOLEX-ATS-6382516HM Datasheet
612Kb / 8P
Tool Kit for 2.80mm (.110) Crimp Terminal, Male and Female
08-17-12
ATS-6382519HM MOLEX-ATS-6382519HM Datasheet
645Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
01-24-12
ATS-6381172HM MOLEX-ATS-6381172HM Datasheet
642Kb / 8P
Tool Kit for Sabre??Flat Blade Crimp Terminal
09-09-10
ATS-6382515HM MOLEX-ATS-6382515HM Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
10-27-11
0638251900 MOLEX-0638251900 Datasheet
23Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
08/25/2022
AS-33012-002 MOLEX-AS-33012-002 Datasheet
999Kb / 22P
MX150 MAT SEAL / UNSEALED RECEPTACLE CRIMP TERMINAL
2015 / 07 / 13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com