Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74440 Datasheet (PDF) - Wixroyd Group Ltd

Part # 74440
Description  Adjustable Clamping Levers threaded bore, inner parts stainless steel
File Size   232.47 Kbytes
Html View  1 
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

74440 Datasheet (PDF) - Wixroyd Group Ltd



Similar Part No. - 74440

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7444011480082 WURTH-7444011480082 Datasheet
431Kb / 7P
WE-HIDA High Current Inductor
001.000
7444011480100 WURTH-7444011480100 Datasheet
445Kb / 7P
WE-HIDA High Current Inductor
002.000
7444011480150 WURTH-7444011480150 Datasheet
446Kb / 7P
WE-HIDA High Current Inductor
002.000
7444011480220 WURTH-7444011480220 Datasheet
431Kb / 7P
WE-HIDA High Current Inductor
001.000
7444011715082 WURTH-7444011715082 Datasheet
615Kb / 7P
WE-HIDA High Current Inductor
002.001
More results


Similar Description - 74440

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
Stainless Steel Threaded Barrel Features and Benefits
logo
TT Electronics.
PBS-H TTELEC-PBS-H Datasheet
303Kb / 1P
Wetted parts are made from stainless steel 1.4435
logo
SparkFun Electronics
PRT-13867 SPARKFUN-PRT-13867 Datasheet
92Kb / 1P
Adjustable Parts Box
9/13/2016
ROB-12099 SPARKFUN-ROB-12099 Datasheet
97Kb / 1P
Clamping Hub - 1 Bore (Flat)
2/3/2016
ROB-12114 SPARKFUN-ROB-12114 Datasheet
94Kb / 1P
Clamping Hub - 1 Bore (Un-Threaded)
2/4/2016
ROB-12264 SPARKFUN-ROB-12264 Datasheet
95Kb / 1P
Clamping Hub - 6mm Bore
2/3/2016
ROB-12319 SPARKFUN-ROB-12319 Datasheet
92Kb / 1P
Clamping Hub - 3mm Bore
2/4/2016
ROB-12361 SPARKFUN-ROB-12361 Datasheet
93Kb / 1P
Clamping Hub - 5mm Bore
2/4/2016
ROB-12414 SPARKFUN-ROB-12414 Datasheet
92Kb / 1P
Clamping Hub - 1 Bore (Threaded)
2/5/2016
ROB-12455 SPARKFUN-ROB-12455 Datasheet
91Kb / 1P
Clamping Hub - 4mm Bore
2/4/2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com