Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35HVC22MB6 Datasheet (PDF) - VINATech Co.,Ltd.

Part # 35HVC22MB6
Description  Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200
File Size   829.41 Kbytes
Html View  1   2 
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.

35HVC22MB6 Datasheet (PDF) - VINATech Co.,Ltd.



Similar Part No. - 35HVC22MB6

ManufacturerPart #DatasheetDescription
logo
VINATech Co.,Ltd.
35HVE150MD10 VINATECH-35HVE150MD10 Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
35HVE150MD10V VINATECH-35HVE150MD10V Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
35HVE270ME10 VINATECH-35HVE270ME10 Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
35HVE270ME10V VINATECH-35HVE270ME10V Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
35HVE330ME12 VINATECH-35HVE330ME12 Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
More results


Similar Description - 35HVC22MB6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JA332EA PANASONIC-ECO-S1JA332EA Datasheet
583Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
ECO-S1CA103CA PANASONIC-ECO-S1CA103CA Datasheet
593Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
logo
Jianghai Europe GmbH
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
Load life of 1000hours at 85C
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227 KEMET-PHA227 Datasheet
1Mb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com