Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1007-TM Datasheet (PDF) - Infinite Electronics International, Inc.

Part # FMANMOB1007-TM
Description  144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, TNC-Male Connector
File Size   484.78 Kbytes
Html View  1   2   3 
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1007-TM Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - FMANMOB1007-TM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANMOB1007-NF FAIRVIEW-FMANMOB1007-NF Datasheet
442Kb / 3P
144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, N-Female Connector
REV 1 A
FMANMOB1007-NM FAIRVIEW-FMANMOB1007-NM Datasheet
485Kb / 3P
144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, N-Male Connector
REV 1 A
FMANMOB1007-RSP FAIRVIEW-FMANMOB1007-RSP Datasheet
442Kb / 3P
144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
REV 1 A
FMANMOB1007-RTP FAIRVIEW-FMANMOB1007-RTP Datasheet
487Kb / 3P
144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
REV 1 A
FMANMOB1007-SM FAIRVIEW-FMANMOB1007-SM Datasheet
441Kb / 3P
144-430 MHz, 5.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, SMA-Male Connector
REV 1 A
More results


Similar Description - FMANMOB1007-TM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-3 PASTERNACK-PE51022-3 Datasheet
231Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO N MALE, RG58
PE51022-6 PASTERNACK-PE51022-6 Datasheet
235Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO BNC MALE, RG58
PE51022-8 PASTERNACK-PE51022-8 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC MALE, RG58
PE51022-9 PASTERNACK-PE51022-9 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC FEMALE, RG58
PE51022-13 PASTERNACK-PE51022-13 Datasheet
230Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO UHF MALE, RG58
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Pasternack Enterprises,...
PE37848 PASTERNACK-PE37848 Datasheet
134Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO TNC MALE, 1GHz, RG58
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com