Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P271-DF12AR Datasheet (PDF) - TT Electronics.

Part # P271-DF12AR
Description  Panel Potentiometer
File Size   1145.29 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P271-DF12AR Datasheet (PDF) - TT Electronics.



Similar Part No. - P271-DF12AR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P271 BITECH-P271 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271 Datasheet
158Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Microsemi Corporation
P2715 MICROSEMI-P2715 Datasheet
135Kb / 2P
GaAs Flip Chip PIN Diodes
logo
Kemet Corporation
P271CE102M250A KEMET-P271CE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P271EE102M250A KEMET-P271EE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
More results


Similar Description - P271-DF12AR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com