Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD-3-7 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION

Part # SPD-3-7
Description  3-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 20 - 1200 MHz
File Size   226.86 Kbytes
Html View  1   2   3   4 
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SPD-3-7 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION



Similar Part No. - SPD-3-7

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SPD-329 SOVICO-SPD-329 Datasheet
1Mb / 1P
POWER DISTRIBUTOR
2020.06
More results


Similar Description - SPD-3-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
Surface Mount Two-Way Power Divider 5 - 1000 MHz
DSS-333 MACOM-DSS-333 Datasheet
117Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
MAPDCT0032 MACOM-MAPDCT0032 Datasheet
149Kb / 3P
3 Way 0 Degree Power Divider 5 to 1200 MHz
logo
SYNERGY MICROWAVE CORPO...
SPD-90-210 SYNERGY-SPD-90-210 Datasheet
332Kb / 3P
4-WAY POWER DIVIDER SURFACE MOUNT OPTIMIZED BANDWIDTH 900 - 2100 MHz
SPD-5-1000 SYNERGY-SPD-5-1000 Datasheet
227Kb / 2P
4-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 5 - 1000 MHz
SDL-110 SYNERGY-SDL-110 Datasheet
247Kb / 4P
3-WAY POWER DIVIDER SURFACE MOUNT MODEL
logo
M/A-COM Technology Solu...
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
Surface Mount Two-Way Power Divider, 5 - 1000 MHz
DSS-333 MA-COM-DSS-333 Datasheet
105Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
MAPDCT0032 MA-COM-MAPDCT0032 Datasheet
135Kb / 3P
3 Way 0 Degree Power Divider 5 to 1200 MHz
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
Surface Mount Two-Way Power Divider
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com