Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N04LM6 Datasheet (PDF) - Infineon Technologies AG

Part # ISC012N04LM6
Description  OptiMOSTM6Power-Transistor,40V
File Size   1536.19 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC012N04LM6 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - ISC012N04LM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC012N04LM6 INFINEON-ISC012N04LM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2021-08-05
More results


Similar Description - ISC012N04LM6

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
Power transistor (40V, 2A)
logo
Diodes Incorporated
MMBT3904LP DIODES-MMBT3904LP Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
FZT1151A DIODES-FZT1151A_16 Datasheet
812Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
DTD123TC ROHM-DTD123TC Datasheet
986Kb / 7P
500mA/40V Digital transistor
DTB123TK ROHM-DTB123TK_16 Datasheet
984Kb / 7P
500mA/-40V Digital transistor
logo
Diodes Incorporated
MMBT2222A DIODES-MMBT2222A_16 Datasheet
244Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 16
MMBT2222AT DIODES-MMBT2222AT_18 Datasheet
556Kb / 6P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 13
MMST2222A DIODES-MMST2222A_16 Datasheet
368Kb / 6P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 11
logo
Infineon Technologies A...
BSC010N04LSC INFINEON-BSC010N04LSC Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 40V
Rev.2.3,2020-04-16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com