Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0127 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0127
Description  DFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2.5 x 4.0 mm body)
File Size   44.65 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0127 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0127

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0120 PROTOADVANTAGE-IPC0120 Datasheet
44Kb / 2P
QFN-52 to DIP-56 SMT Adapter (0.5 mm pitch, 8 x 8 mm body)
revision 1.0
IPC0121 PROTOADVANTAGE-IPC0121 Datasheet
44Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
revision 1.0
IPC0122 PROTOADVANTAGE-IPC0122 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0123 PROTOADVANTAGE-IPC0123 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.0 x 2.0 mm body, split pad)
revision 1.0
IPC0124 PROTOADVANTAGE-IPC0124 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
More results


Similar Description - IPC0127

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
4.0 X 4.0 MM SURFACE MOUNT LED LAMP
logo
MTRONPTI
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1254 MTRONPTI-M1254 Datasheet
403Kb / 2P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
Total Power Internation...
MIW2300 TOTAL-POWER-MIW2300 Datasheet
402Kb / 4P
DIP-24 Metal Package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
Kingbright Corporation
AA4040SF4S-P22 KINGBRIGHT-AA4040SF4S-P22 Datasheet
673Kb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SF4S-P22 TO-GRACE-AA4040SF4S-P22 Datasheet
1Mb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com