Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0119 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0119
Description  DFN-6 to DIP-6 SMT Adapter (0.5 mm pitch, 1.45 x 1.0 mm body)
File Size   43.72 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0119 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0119

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0110 PROTOADVANTAGE-IPC0110 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0111 PROTOADVANTAGE-IPC0111 Datasheet
44Kb / 2P
HSOP-44 to DIP-48 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
revision 1.0
IPC0112 PROTOADVANTAGE-IPC0112 Datasheet
44Kb / 2P
DFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 7.0 x 4.0 mm body)
revision 1.0
IPC0113 PROTOADVANTAGE-IPC0113 Datasheet
44Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0114 PROTOADVANTAGE-IPC0114 Datasheet
44Kb / 2P
PowerSSO-28 to DIP-32 SMT Adapter (0.65 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
More results


Similar Description - IPC0119

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
1.0 x 0.5 mm Infrared Emitting Diode
APHHS1005LZGCK-V TO-GRACE-APHHS1005LZGCK-V Datasheet
768Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005MGCK TO-GRACE-APHHS1005MGCK Datasheet
771Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005SYCK TO-GRACE-APHHS1005SYCK Datasheet
801Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005ZGCK TO-GRACE-APHHS1005ZGCK Datasheet
767Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005SYCK TO-GRACE-KPHHS-1005SYCK Datasheet
867Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005SURCK TO-GRACE-KPHHS-1005SURCK Datasheet
863Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com