Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0123 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0123
Description  DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.0 x 2.0 mm body, split pad)
File Size   44.74 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0123 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0123

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0120 PROTOADVANTAGE-IPC0120 Datasheet
44Kb / 2P
QFN-52 to DIP-56 SMT Adapter (0.5 mm pitch, 8 x 8 mm body)
revision 1.0
IPC0121 PROTOADVANTAGE-IPC0121 Datasheet
44Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
revision 1.0
IPC0122 PROTOADVANTAGE-IPC0122 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0124 PROTOADVANTAGE-IPC0124 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0125 PROTOADVANTAGE-IPC0125 Datasheet
44Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
More results


Similar Description - IPC0123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
5.0 mm X 2.0 mm Series
logo
List of Unclassifed Man...
57202G5205ALF ETC2-57202G5205ALF Datasheet
103Kb / 1P
UNSH HEADER 2.0 mm VERTICAL SMT
logo
ILSI America LLC
IL3T ILSI-IL3T Datasheet
126Kb / 2P
2 Pad Ceramic Base SMD Crystal, 2.0 mm x 1.2 mm
logo
Abracon Corporation
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
logo
Kingbright Corporation
AP2012P3C-P22 KINGBRIGHT-AP2012P3C-P22 Datasheet
579Kb / 4P
2.0 x 1.25 mm Phototransistor
APT2012P3BT-P22 KINGBRIGHT-APT2012P3BT-P22 Datasheet
554Kb / 4P
2.0 x 1.25 mm Phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
APT2012PD1C TO-GRACE-APT2012PD1C Datasheet
649Kb / 3P
2.0 x 1.25 mm Photodiode
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com