Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0214 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0214
Description  PLCC-32/JLCC-32/LCC-32 to DIP-32 SMT Adapter (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)
File Size   49.31 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0214 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0214

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0214-S PROTOADVANTAGE-PA0214-S Datasheet
42Kb / 1P
PLCC-32/JLCC-32/LCC-32 Stencil (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)
revision 1.0
logo
Norgren Ltd
PA0214025 NORGREN-PA0214025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0214C PROTOADVANTAGE-PA0214C Datasheet
183Kb / 2P
PLCC-32/JLCC-32/LCC-32 to DIP-32 SMT Adapter (50 mils / 1.27 mm pitch, 14 x 11.5 mm body)
revision 1.0
More results


Similar Description - PA0214

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1072AV33 CYPRESS-CY7C1072AV33 Datasheet
147Kb / 9P
32-Mbit (1M x 32) Static RAM
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_08 Datasheet
100Kb / 4P
32 mm Glass Transponder
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
logo
GREATECS
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
32 mm Glass Transponder
logo
Assmann Electronics Inc...
A-CCS32-Z-SM-R ASSMANN-A-CCS32-Z-SM-R Datasheet
257Kb / 1P
PLCC SOCKET 32 PIN, TIN, SMT
logo
Pasternack Enterprises,...
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
logo
Texas Instruments
RI-TRP-DR2B-30 TI-RI-TRP-DR2B-30 Datasheet
84Kb / 5P
32 mm Glass Transponder
logo
List of Unclassifed Man...
PA32PL32D-YC ETC2-PA32PL32D-YC Datasheet
106Kb / 1P
32 PIN PLCC SOCKET ADAPTER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com