Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM90 Datasheet (PDF) - Advanced XTAL Products

Part # AXIOM90
Description  OCXO with SMA connector
File Size   62.92 Kbytes
Html View  1   2 
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM90 Datasheet (PDF) - Advanced XTAL Products



Similar Part No. - AXIOM90

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
515Kb / 5P
Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
2016-07-04
AXIOM9000 AXTAL-AXIOM9000 Datasheet
414Kb / 5P
Very High Frequency Stability
2016-07-04
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
Very High Frequency Stability
2016-07-01
AXIOM9000 AXTAL-AXIOM9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
More results


Similar Description - AXIOM90

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
AXIOM70 AXTAL-AXIOM70 Datasheet
65Kb / 2P
OCXO with HCMOS Output
2007-05-14
AXIOM95 AXTAL-AXIOM95 Datasheet
59Kb / 2P
VHF OCXO with SMA connector
2006-03-15
AXIOM120 AXTAL-AXIOM120 Datasheet
132Kb / 4P
SMD OCXO with HCMOS Output
logo
MTRONPTI
XO5503 MTRONPTI-XO5503 Datasheet
343Kb / 4P
OCXO with Vibration Compensation
logo
Golledge Electronics Lt...
HCD331 GOLLEDGE-HCD331_18 Datasheet
552Kb / 4P
5V OCXO with CMOS Output
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
MCOCXOW GOLLEDGE-MCOCXOW_18 Datasheet
556Kb / 5P
3.3V OCXO with CMOS Output
MCOCXOS GOLLEDGE-MCOCXOS_18 Datasheet
555Kb / 5P
12V OCXO with Sine Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com