Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0207 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0207
Description  TSOP-40 (I) to DIP-40 SMT Adapter (0.5 mm pitch, 16-22 mm body)
File Size   48.81 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0207 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0207

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0207-S PROTOADVANTAGE-PA0207-S Datasheet
41Kb / 1P
TSOP-40 (I) Stencil (0.5 mm pitch, 16-22 mm body)
revision 1.0
More results


Similar Description - PA0207

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
Omron Electronics LLC
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
logo
List of Unclassifed Man...
40PM010 ETC2-40PM010 Datasheet
86Kb / 2P
40 mm Planetary Gearhead
logo
Omron Electronics LLC
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
logo
Aries Electronics, Inc.
18026 ARIES-18026 Datasheet
544Kb / 1P
P/N 1111163 40-Pin DIP-to-Socketable PLCC Adapter
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
40 x 40 mm (1600mm2)
logo
Schneider Electric
ZB2BY2178 SCHNEIDER-ZB2BY2178 Datasheet
93Kb / 2P
legend - 횠 22 - 30 x 40 mm - O-I
Mar 23, 2022
ZB2BY4930 SCHNEIDER-ZB2BY4930 Datasheet
93Kb / 2P
legend - 30 x 40 mm - white - I
Mar 23, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com