Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0210 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0210
Description  TSOP-54 (II) to DIP-54 SMT Adapter (0.8 mm pitch, 10.16 mm body)
File Size   48.8 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0210 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0210

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0210-S PROTOADVANTAGE-PA0210-S Datasheet
41Kb / 1P
TSOP-54 (II) Stencil (0.8 mm pitch, 10.16 mm body)
revision 1.0
logo
Norgren Ltd
PA0210015 NORGREN-PA0210015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0210025 NORGREN-PA0210025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0210C PROTOADVANTAGE-PA0210C Datasheet
194Kb / 2P
TSOP-54 (II) to DIP-54 SMT Adapter (0.8 mm pitch, 10.16 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0210

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
logo
ADL Embedded Solutions
MSMEC104EX ADL-MSMEC104EX Datasheet
192Kb / 1P
Adapter for Express Cards 34/54
logo
Aries Electronics, Inc.
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0646A TAI-SAW-TB0646A Datasheet
288Kb / 6P
SAW Filter 81MHz 54 MHz BW (SMD 13.3횞6.5 mm)
TB0651A TAI-SAW-TB0651A Datasheet
334Kb / 6P
SAW Filter 525MHz 54 MHz BW (SMD 5횞5 mm)
logo
Aries Electronics, Inc.
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
logo
FIBOX Enclosing innovat...
5070729 FIBOX-5070729 Datasheet
46Kb / 1P
Spacer 54 mm
31.07.2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com