Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0212 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0212
Description  TSOP-66 (II) to DIP-66 SMT Adapter (0.65 mm pitch, 10.16 mm body)
File Size   48.8 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0212 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0212

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0212-S PROTOADVANTAGE-PA0212-S Datasheet
41Kb / 1P
TSOP-66 (II) Stencil (0.65 mm pitch, 10.16 mm body)
revision 1.0
logo
Norgren Ltd
PA0212015 NORGREN-PA0212015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0212025 NORGREN-PA0212025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results


Similar Description - PA0212

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
logo
TRIAD MAGNETICS
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
SP-66
logo
Aries Electronics, Inc.
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
List of Unclassifed Man...
561-C010661 ETC2-561-C010661 Datasheet
91Kb / 2P
Power Transistor Covers TO-66
logo
FERYSTER Inductive Comp...
OBUD-EFD25 FERYSTER-OBUD-EFD25 Datasheet
93Kb / 1P
PA-66 101L
logo
PIC GmbH
MS-104-3 PIC-MS-104-3_15 Datasheet
113Kb / 2P
Micro Reed Sensor pitch 10.16 mm
logo
Aries Electronics, Inc.
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com