Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83-16853 Datasheet (PDF) - Multicomp Pro

Part # 83-16853
Description  Cable Assembly USB Type A Plug to USB Type C Plug
File Size   168.81 Kbytes
Html View  1 
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

83-16853 Datasheet (PDF) - Multicomp Pro



Similar Part No. - 83-16853

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
83-168 RF-83-168 Datasheet
166Kb / 1P
Plugs, Reducing Adapters
83-168-RFX RF-83-168-RFX Datasheet
166Kb / 1P
Plugs, Reducing Adapters
More results


Similar Description - 83-16853

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
690-024-260-900 ETC2-690-024-260-900 Datasheet
324Kb / 1P
USB 3.1 TYPE C PLUG CONNECTOR
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
logo
Adam Technologies, Inc.
CA-USB4-CM-CM-0.8M-A ADAM-TECH-CA-USB4-CM-CM-0.8M-A Datasheet
196Kb / 1P
CUSTOM ASSEMBLY, CABLE USB4.0 30/32/24/26AWG USB C PLUG TO USB C PLUG
logo
VITALCONN ELECTRONICS H...
UC31E31LBC7 VITALCONN-UC31E31LBC7 Datasheet
159Kb / 1P
USB TYPE C PLUG VERTICAL
REV: A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com