Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF65141 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # SCF65141
Description  REV FAIRVIEW MICROWAVE INC. SMA FLEXABLE CABLES 18GHZ 0.141" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
File Size   91.13 Kbytes
Html View  1 
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCF65141 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - SCF65141

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SCF61086 FAIRVIEW-SCF61086 Datasheet
90Kb / 1P
REV FAIRVIEW MICROWAVE INC. SMA FLEXABLE CABLES 18GHZ 0.086" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
celduc-relais
SCF62160 CELDUC-SCF62160 Datasheet
147Kb / 2P
Power Solid State Relay
logo
SemiWell Semiconductor
SCF6C60 SEMIWELL-SCF6C60 Datasheet
689Kb / 5P
Silicon Controlled Rectifiers
More results


Similar Description - SCF65141

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
CH125H-35 ATM-CH125H-35 Datasheet
77Kb / 1P
OUTLINE, 4-18GHz DIRECTIONAL COUPLER, SMA
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
Amphenol Corporation
135101-R2-03.00 AMPHENOL-135101-R2-03.00 Datasheet
50Kb / 1P
SMA STR PLUG TO SMA STR PLUG, USING 0.141 CONFORMABLE CABLE, XX.XX LENGTH
logo
CRYSTEK CORPORATION
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Pasternack Enterprises,...
PE2207-6 PASTERNACK-PE2207-6 Datasheet
84Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUNECY RANGE: 12.4~18GHz
PE2207-10 PASTERNACK-PE2207-10 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18GHz
logo
Spectrum Microwave, Inc...
1202-005 SPECTRUM-1202-005 Datasheet
48Kb / 1P
FAIRVIEW PENNSYLVANIA
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com