Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0100 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0100
Description  LGA-16 to DIP-16 SMT Adapter (1 mm pitch, 4.4 x 7.5 mm body)
File Size   49.26 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0100 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0100

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0100-S PROTOADVANTAGE-PA0100-S Datasheet
42Kb / 1P
LGA-16 Stencil (1 mm pitch, 4.4 x 7.5 mm body)
revision 1.0
More results


Similar Description - PA0100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN240RPX PANASONIC-LN240RPX Datasheet
30Kb / 1P
4.4 mm Series
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Vectron International, ...
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
VPC1 7.5 x 5 mm Crystal Oscillators
logo
Panasonic Semiconductor
EVE-GA1F1724M PANASONIC-EVE-GA1F1724M Datasheet
72Kb / 2P
16 mm Square Encoders
logo
Schurter Inc.
7010.2110 SCHURTER-7010.2110 Datasheet
260Kb / 2P
Miniature Fuse, 4.7 x 16 mm, 125 VAC
logo
Knowles Electronics
2403-260-00086 KNOWLES-2403-260-00086 Datasheet
438Kb / 20P
Industry-leading dimensions: 9 x 16 x 3.0 mm
logo
Lumberg
3690 LUMBERG-3690 Datasheet
332Kb / 4P
RAST 7.5 Power connectors, pitch 7.5 mm
3695 LUMBERG-3695 Datasheet
193Kb / 3P
RAST 7.5 Power connectors, pitch 7.5 mm
logo
Panasonic Semiconductor
EVEP PANASONIC-EVEP Datasheet
133Kb / 2P
16 mm Square Encoders
logo
Schurter Inc.
7010.2110 SCHURTER-7010.2110_V01 Datasheet
238Kb / 3P
Miniature Fuse, 4.7 x 16 mm, 125 VAC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com