Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0101 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0101
Description  LGA-14 to DIP-14 SMT Adapter (0.8 mm pitch, 3 x 5 mm body)
File Size   49.26 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0101 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0101

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0101-S PROTOADVANTAGE-PA0101-S Datasheet
42Kb / 1P
LGA-14 Stencil (0.8 mm pitch, 3 x 5 mm body)
revision 1.1
PA0101C PROTOADVANTAGE-PA0101C Datasheet
122Kb / 2P
LGA-14 to DIP-14 SMT Adapter (0.8 mm pitch, 3 x 5 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0101

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Schurter Inc.
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com