Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ402EP Datasheet (PDF) - Nisshinbo Micro Devices Inc.

Part # SQJ402EP
Description  60V Input / 80V Absolute Maximum Rating Synchronous Step-down DC/DC Controller
File Size   2492.2 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

SQJ402EP Datasheet (PDF) - Nisshinbo Micro Devices Inc.



Similar Part No. - SQJ402EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ402EP VISHAY-SQJ402EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ402EP VISHAY-SQJ402EP Datasheet
197Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
24-Jun-13
SQJ402EP VISHAY-SQJ402EP Datasheet
239Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
logo
Nisshinbo Micro Devices...
SQJ402EP NISSHINBO-SQJ402EP Datasheet
2Mb / 62P
60V Input / 80V Absolute Maximum Rating Synchronous Step-down DC/DC Controller for Industrial Applications
logo
Vishay Siliconix
SQJ402EP-T1-GE3 VISHAY-SQJ402EP-T1-GE3 Datasheet
197Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
24-Jun-13
More results


Similar Description - SQJ402EP

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
4/2019-Rev. A to Rev. B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com