Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0205 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0205
Description  RQFP-240/QFP-240 to PGA-240 SMT Adapter (0.5 mm pitch, 32 x 32 mm body)
File Size   45.25 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0205 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0205

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
PA0205015 NORGREN-PA0205015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0205025 NORGREN-PA0205025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results


Similar Description - PA0205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-320240Q1 ETC-AT-320240Q1 Datasheet
224Kb / 1P
AT-320240Q1 320 X 240 DOTS 1/240 DUTY
AG-320240D ETC1-AG-320240D Datasheet
415Kb / 1P
320 x 240 dots 1/240 Duty
logo
HYES Optoelectronics, I...
HE326XX11 HYES-HE326XX11 Datasheet
176Kb / 1P
320 X 240 Dots
HE326XX12 HYES-HE326XX12 Datasheet
184Kb / 1P
320 X 240 Dots
logo
Aries Electronics, Inc.
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
QFP-to-PGA Adapter 0.025 [0.64] Pitch
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
QFP-to-PGA Adapter
97-68340 ARIES-97-68340 Datasheet
534Kb / 1P
144-Pin QFP-to-PGA Adapter
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
logo
AAEON Technology
NVR-6300S AAEON-NVR-6300S Datasheet
451Kb / 2P
Dual-Channel 240-pin DDR3 1600 MHz DIMM x 4, Up to 32 GB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com