Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0109C Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0109C
Description  TQFP-100/VQFP-100 to DIP-100 SMT Adapter (0.5 mm pitch, 14 x 14 mm body) Compact Series
File Size   184.14 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0109C Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0109C

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0109 PROTOADVANTAGE-PA0109 Datasheet
49Kb / 2P
TQFP-100/VQFP-100 to DIP-100 SMT Adapter (0.5 mm pitch, 14 x 14 mm body)
revision 1.0
PA0109-S PROTOADVANTAGE-PA0109-S Datasheet
42Kb / 1P
TQFP-100/VQFP-100 Stencil (0.5 mm pitch, 14 x 14 mm body)
revision 1.1
More results


Similar Description - PA0109C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5122 NI-NI5122 Datasheet
442Kb / 5P
100 MHz, 100 MS/s, 14-Bit Digitizer
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
OptoDiode Corp
UVG100 OPTODIODE-UVG100 Datasheet
283Kb / 2P
PHOTODIODE 100 mm
SXUV100 OPTODIODE-SXUV100 Datasheet
240Kb / 2P
PHOTODIODE 100 mm
logo
National Instruments Co...
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
100 MHz, 100 MS/s, 14-Bit Digitizer
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
logo
ATMEL Corporation
RC100M-11 ATMEL-RC100M-11 Datasheet
43Kb / 1P
for TQFP-100 socket
RC100M-18 ATMEL-RC100M-18 Datasheet
47Kb / 1P
for TQFP-100 socket
logo
Banner Engineering Corp...
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
logo
Samtec, Inc
MMSD SAMTEC-MMSD Datasheet
260Kb / 1P
(2.54 mm) .100
Rev 21DEC21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com