Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA38 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # BA38
Description  SMA JACK TO BNC PLUG, 50Ω
File Size   134.84 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA38 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - BA38

ManufacturerPart #DatasheetDescription
logo
Rohm
BA381 ROHM-BA381 Datasheet
242Kb / 3P
MonolithicICs
logo
List of Unclassifed Man...
BA3812 ETC2-BA3812 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
BA3814L ROHM-BA3814L Datasheet
242Kb / 3P
MonolithicICs
BA3822FS ROHM-BA3822FS Datasheet
96Kb / 5P
5-channel stereo graphic equalizer
More results


Similar Description - BA38

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
Amphenol Corporation
CAPH-HDBNCJ-SMAJ AMPHENOL-CAPH-HDBNCJ-SMAJ Datasheet
116Kb / 1P
50 OHM HD BNC JACK TO SMA JACK ADAPTER
logo
List of Unclassifed Man...
ADT-2594-MM-SMA-02 ETC2-ADT-2594-MM-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
logo
Molex Electronics Ltd.
0733860032 MOLEX11-0733860032 Datasheet
29Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Jack, Tray
logo
Amphenol Corporation
242181 AMPHENOL-242181 Datasheet
44Kb / 1P
SMA JACK TO BNC BULKHEAD JACK ADAPTER
logo
Rosenberger Hochfrequen...
32K151-S00L5 ROSENBERGER-32K151-S00L5 Datasheet
228Kb / 2P
ADAPTOR SMA JACK ??BNC 50 W PLUG
32S151-K00L5 ROSENBERGER-32S151-K00L5 Datasheet
315Kb / 2P
ADAPTOR SMA PLUG ??BNC 50 W JACK
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
logo
Molex Electronics Ltd.
0733860032 MOLEX-0733860032_V01 Datasheet
31Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Jack, Tray
logo
Linx Technologies
ADP-SMAF-BNCM LINX-ADP-SMAF-BNCM Datasheet
380Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO BNC PLUG (MALE PIN)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com