Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAUC3-CF-AM Datasheet (PDF) - Infinite Electronics International, Inc.

Part # CAUC3-CF-AM
Description  USB C FEMALE TO A MALE, 5 Gbps
File Size   158.32 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAUC3-CF-AM Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - CAUC3-CF-AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CAUC1G125MDCKREP TI1-CAUC1G125MDCKREP Datasheet
208Kb / 9P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Infinite Electronics In...
CAUC2-MICROBF-CM L-COM-CAUC2-MICROBF-CM Datasheet
160Kb / 1P
USB MICRO B FEMALE TO C MALE, 480 Mbps
CAUC2-MICROBM-AF L-COM-CAUC2-MICROBM-AF Datasheet
170Kb / 1P
USB MICRO B MALE TO A FEMALE, 480 Mbps
CAUC2-MICROBM-CF L-COM-CAUC2-MICROBM-CF Datasheet
162Kb / 1P
USB MICRO B MALE TO C FEMALE, 480 Mbps
CAUC2-MINIBF-CM L-COM-CAUC2-MINIBF-CM Datasheet
175Kb / 1P
USB MINI B FEMALE TO C MALE, 480 Mbps
More results


Similar Description - CAUC3-CF-AM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
logo
IOGEAR
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com