Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS50GFS40N1 Datasheet (PDF) - ABB

Part # OS50GFS40N1
Description  Switches Switch fuses OS32...160 A Gamma series
File Size   4374.76 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS50GFS40N1 Datasheet (PDF) - ABB



Similar Part No. - OS50GFS40N1

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
OS5100 TELEDYNE-OS5100 Datasheet
188Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
Aavid, Thermal Division...
OS515-150-B AAVID-OS515-150-B Datasheet
62Kb / 1P
Non-Standard Extrusions
logo
RFX Ltd.
OS560-10 RFX-OS560-10 Datasheet
311Kb / 2P
10 MHz OCXO CMOS Oscillator 5V
Issue 2; 26th April 2022
OS560-1005-020 RFX-OS560-1005-020 Datasheet
226Kb / 2P
10 MHz OCXO CMOS Oscillator 5V
Issue 2; 6th May 2022
OS560-1005-021 RFX-OS560-1005-021 Datasheet
227Kb / 2P
10 MHz OCXO CMOS Oscillator 5V
Issue 2; 6th May 2022
More results


Similar Description - OS50GFS40N1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Nell Semiconductor Co.,...
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
Standard Recovery Diodes, 160 A
NKD160AS NELLSEMI-NKD160AS Datasheet
206Kb / 4P
Standard Recovery Diodes, 160 A
NKE160A NELLSEMI-NKE160A Datasheet
326Kb / 4P
Standard Recovery Diodes, 160 A
logo
List of Unclassifed Man...
IEC60947-3 ETC2-IEC60947-3 Datasheet
4Mb / 12P
Switch fuses
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
aperture/gamma correction
logo
Shenzhen Luguang Electr...
LGK2S16045 LUGUANG-LGK2S16045 Datasheet
924Kb / 3P
Power Schottky Rectifier, 160 A
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
160 WATT MEDICAL SWITCH ADAPTER
logo
Vishay Siliconix
VS-160MTC VISHAY-VS-160MTC Datasheet
126Kb / 5P
Three Phase Bridge, 160 A (Power Modules)
02-Mar-18
logo
TRACO Electronic AG
TEP160 TRACOPOWER-TEP160 Datasheet
1Mb / 5P
TEP 160 Series, 160 Watt
Rev. November 30, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com