Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP3090 Datasheet (PDF) - Shenzhen Developer Microelectronics Co., Ltd

Part # DP3090
Description  Trench N-MOSFET 30V, 3.2mΩ, 90A
File Size   299.11 Kbytes
Html View  1 
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP3090 Datasheet (PDF) - Shenzhen Developer Microelectronics Co., Ltd



Similar Part No. - DP3090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP30 ETC1-DP30 Datasheet
42Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Power-One
DP3020-7R POWER-ONE-DP3020-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
90 - 195 Watt DC-DC Converters
DP3040-7R POWER-ONE-DP3040-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
List of Unclassifed Man...
DP3080 ETC-DP3080 Datasheet
1Mb / 8P
Trench N-MOSFET 30V, 3.9mΩ, 80A
More results


Similar Description - DP3090

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDD6030L KEXIN-KDD6030L Datasheet
69Kb / 2P
30V N-Channel Power Trench MOSFET
logo
Unisonic Technologies
UT90N03 UTC-UT90N03 Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
logo
MagnaChip Semiconductor...
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1532S MGCHIP-MDU1532S Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1542 MGCHIP-MDV1542 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
Shenzhen Meipusen Semic...
MSN03R034S MAPLESMI-MSN03R034S Datasheet
825Kb / 6P
30V N-Channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV50ENEA NEXPERIA-PMV50ENEA Datasheet
728Kb / 16P
30V, N-channel Trench MOSFET
PMF250XNE NEXPERIA-PMF250XNE Datasheet
720Kb / 15P
30V N-channel Trench MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com