Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # X10213
Description  Up to 480V Universal Phase Angle Trigger Module
File Size   429.18 Kbytes
Html View  1   2   3 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
KMB-0021 YHDC-KMB-0021 Datasheet
2Mb / 1P
Universal SCR Trigger Transformer
KMB-0031 YHDC-KMB-0031 Datasheet
2Mb / 1P
Universal SCR Trigger Transformer
KMB-0221 YHDC-KMB-0221 Datasheet
622Kb / 1P
Universal SCR Trigger Transformer
KMB-0232 YHDC-KMB-0232 Datasheet
626Kb / 1P
Universal SCR Trigger Transformer
KMB281-201 YHDC-KMB281-201 Datasheet
722Kb / 1P
Universal SCR Trigger Transformer
KMB281-301 YHDC-KMB281-301 Datasheet
722Kb / 1P
Universal SCR Trigger Transformer
KMB418-101S YHDC-KMB418-101S Datasheet
621Kb / 1P
Universal SCR Trigger Transformer
KMB418-111S YHDC-KMB418-111S Datasheet
632Kb / 1P
Universal SCR Trigger Transformer
KMB418-301S YHDC-KMB418-301S Datasheet
642Kb / 1P
Universal SCR Trigger Transformer
KMB419-311S YHDC-KMB419-311S Datasheet
636Kb / 1P
Universal SCR Trigger Transformer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com